Part Number Hot Search : 
74HC5950 1N4764 06000 2SC367 STP3NC60 1N5256 W39V040A ST2060
Product Description
Full Text Search
 

To Download 78127-1408 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 06/07/2010 please check www.molex.com for latest part information part number: 0781271408 status: active overview: ffc_fpc_smt description: 0.50mm (.020") pitch ffc/fpc connector, smt, non zif, vertical, reverse, gold plating, 40 circuits, lead free documents: 3d model product specification ps-78119-001 (pdf) drawing (pdf) rohs certificate of compliance (pdf) agency certification csa lr19980 ul e29179 general product family ffc/fpc connectors series 78127 overview ffc_fpc_smt product name n/a physical circuits (loaded) 40 circuits (maximum) 40 color - resin natural contact position n/a durability (mating cycles max) 20 entry angle vertical flammability 94v-0 mated height (in) 0.161 in mated height (mm) 4.10 mm material - metal copper alloy material - plating mating gold, nickel number of rows 1 orientation vertical pcb locator no pcb retention none packaging type embossed tape on reel pitch - mating interface (in) 0.020 in pitch - mating interface (mm) 0.50 mm pitch - term. interface (in) 0.020 in pitch - term. interface (mm) 0.50 mm polarized to pcb no stackable no temperature range - operating -40c to +85c termination interface: style surface mount wire/cable type ffc/fpc electrical current - maximum per contact 0.5a voltage - maximum 50v ac material info reference - drawing numbers product specification ps-78119-001 sales drawing sd-78127-001 series image - reference only eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 78127 series mates with standard ffc/fpc cables
this document was generated on 06/07/2010 please check www.molex.com for latest part information








▲Up To Search▲   

 
Price & Availability of 78127-1408

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X